Part Number Hot Search : 
PBSS4 A1298 1216402 EP15E7 TMP88 104KE 2SB1243Q 14100
Product Description
Full Text Search
 

To Download Z0107MA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 3 2 absolute maximum ratings ( tj = 25c unless otherwise specified ) symbol parameter condition ratings units v drm repetitive peak off-state voltage sine wave, 50 to 60 hz 600 v i t(rms) r.m.s on-state current t j = 110 c, full sine wave 1 .0 a i tsm surge on-state current one cycle, 50hz/60hz, peak, non-repetitive 10 a i 2 t i 2 t for fusing t p = 10ms 0 .41 a 2s pgm peak gate power dissipation 1 w p g(av) average gate power dissipati on 0.1 w i gm peak gate current 1 a t j operating junction temperature - 40 ~ 125 c t stg storage temperature - 40 ~ 150 c may ., 20 10 . rev.1 1/5 tn1a60 sensitive triac features repetitive peak off-state voltage : 600v r.m.s on-state current ( i t(rms) = 1 a ) high commutation dv/dt general description this device is suit able for low po wer ac switching applicat ion, phase control application such a s fan speed and temperature modulation control, lighting co ntrol and static switchin g relay where high sensi- tivity is required in all four quadrants. i t(rms) = 1a i tsm = 10a v drm = 600v to-92 copyright @ apollo electron co., ltd. all rights reserved. 3.t2 2 .gate 1.t1 symbol this device may substitute for Z0107MA.
electrical characteristics (tj=25c unless otherwise specified) ratings symbol items conditions unit min. typ. max. repetitive peak off-state v = v i d drm , single phase, half wave drm current - - 0.5 ma v tm peak on-state voltage i tm = 1 a, tp=380? - -1.6v i + gt1 i - - 10 - -
?
?? ~~~ i - gt1 ii - - 10 gate trigger current v d = 12 v, r =100 l ma i - gt3 iii - - 10 i + gt3 iv ? - - 30 v + gt1 i --1.8 v - gt1 ,, - - 1.8 v gate trigger voltage v d = 12 v, r l =100 v - gt3 iii --1.8 v + gt3 iv --2.0 v gd non-trigger gate voltage v d =1/2 v drm 0.1 - - v critical rate of rise off-state tj = 110 c dv/dt - - v / ? voltage v d =2/3 v drm 5 i h holding current v d =12v, i t =0.1a - - 25 m a tn1a60 2/5
3/5 tn1a60 -50 0 50 100 150 0.1 1 10 v gt (t o c) v + gt1 v _ gt1 v + gt3 v _ gt3 v gt (25 o c) junction temperature [ o c] 10 0 10 1 10 2 0 2 4 6 8 10 12 60hz 50hz surge on-state current [a] time (cycles) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 40 50 60 70 80 90 100 110 120 130 = 90 o = 150 o = 60 o = 30 o = 180 o = 120 o allowable case temperature [ o c] rms on-state current [ a] 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0.0 0.3 0.6 0.9 1.2 1.5 = 90 o = 150 o = 60 o = 30 o = 180 o = 120 o power dissipation [w] rms on-state current [ a] 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 10 -1 10 0 10 1 t j = 125 o c t j = 25 o c on-state current [a] on-state voltage [v] 10 0 10 1 10 2 10 3 10 -1 10 0 10 1 v gd (0.2v) 25 i + gt3 i gm (1 a) 25 i + gt1 i _ gt1 i _ gt3 p g (av) (0.1w) p gm (1w) v gm (6v) gate voltage [v] gate current [ma] fig 1. gate characteristics fig 2. on-state voltage fig 3. on state current vs. maximum power dissipation fig 4. on state current vs. allowable case temperature fig 5. surge on-sta te current rating ( non-repetitive ) fig 6. gate trigger voltage vs. junction temperature 2 360 : conduction angle 2 360 : conduction angle
tn1a60 4/5 10 -2 10 -1 10 0 10 1 10 2 10 3 10 0 10 1 10 2 10 3 r (j-c) r (j-a) transient thermal impedance [ o c/w] time (sec) -50 0 50 100 150 0.1 1 10 i gt (t o c) i gt (25 o c) i + gt3 i + gt1 i _ gt1 i _ gt3 junction temperature [ o c] fig 8. transient thermal impedance fig 7. gate trigger current vs. junction temperature
dim. mm inch min. typ. max. min. typ. max. a 4.2 0.165 b 3.7 0.146 c 4.43 4.83 0.174 0.190 d 14.07 14.87 0.554 0.585 e 0.4 0.016 f 4.43 4.83 0.174 0.190 g 0.45 0.017 h2 . 5 4 0 . 1 0 0 i2 . 5 4 0 . 1 0 0 j 0.33 0.48 0.013 0.019 tn1a60 5/5 to-92 package dimension 1. t1 2. gate 3. t2 a b c g e f d h j 1 2 3 i


▲Up To Search▲   

 
Price & Availability of Z0107MA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X